Part Number Hot Search : 
NJW0302G LTC69 ER145 AN655 FDT3612 022AXA SP0610 24B5D
Product Description
Full Text Search
 

To Download 107HST025M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HST
FEATURES
+125C Axial Lead Aluminum Electrolytic Capacitors
For all general purpose and high temperature applications
I 125C Temperature rating I Capacitance Range: 1.0 F to 4,700 F SPECIFICATIONS
Capacitance Tolerance
I Voltage Range: 10 WVDC to 63 WVDC I Extended Life
20% at 120Hz, 20C
Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan 10
.2
-40C to +125C 16
.16
25
.14
35
.12
50
.1
63
.1
Note: For above D.F. specifications, add .02 for every 1,000 f above 1,000 f
WVDC Impedance Ratio (Max.) @120Hz -25C/20C -40C/20C WVDC Leakage Current Time
10
3 4
16
2 4
25
2 4
35
2 4
50
2 4
63
2 4
63 WVDC 1 minute
.03 CV or 4A whichever is greater
63 WVDC 2 minutes
.01 CV or 4A whichever is greater
2,000 hours (1,000 hours D=8mm) at +125C with rated WVDC Load Life
Capacitance change Dissipation factor Leakage current 20% of initial measured value 200% of initial specified value 100% specified value 1,000 hours at +105C with no voltage applied. Units will meet load life specifications
Shelf Life
Frequency (Hz) Ripple Current Multipliers
Capacitance (F) C47 470470 50 .75 .8 .85 120 1.0 1.0 1.0 300 1.35 1.34 1.1 1K 1.57 1.34 1.13 10K 2 1.5 1.15
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
HST
+ 125C Axial Lead Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC (SV) F
1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700
10 (13)
16 (20)
25 (32)
35 (44)
50 (63) 8x16 8x16
63 (79)
-
8x16 8x16 8x16 8x16 8x16 8x16 8x16 8x20 10x21 10x26 12.5x26 16x31 10x26 12.5x26 12.5x31 16x41 8x20 10x21 12.5x26 12.5x31 16x31
8x16 8x20 8x20 10x26 12.5x31 16x31 16x41 10x21 12.5x26 16x31 16x41
8x20 10x21 10x26 12.5x31 16x41
Convert to inches, divide by 25.4
DxL (mm)
PVC SLEEVE
+
d
L
D1
35.0 MIN
L1
35.0 MIN
L
L
L
L
LEAD INFORMATION VS. CASE DIAMETER D d B 8.0 0.6 0.5 10.0 0.6 0.5 12.5 0.8 0.5 16.0 0.8 0.5
D1=D+B Max. L1= L+2 Max. NOTE: Case Vent is standard on all diameter 8.0mm
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
L
L L L L
L
HST
+ 125C Axial Lead Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS Dimension Ripple Current ESR DxL (mA) (mm) 120Hz,+20C 120Hz,+125C
Capacitance WVDC (F)
PART NUMBER
Maximum Maximum RMS Dimension Ripple Current ESR DxL (mA) (mm) 120Hz,+20C 120Hz,+125C
1 2.2 3.3 4.7 10 22 33 47 47 100 100 100 220 220 220 220 220 330 330 330
50 50 50 50 50 50 50 50 63 25 50 63 10 25 35 50 63 16 25 35
105HST050M 225HST050M 335HST050M 475HST050M 106HST050M 226HST050M 336HST050M 476HST050M 476HST063M 107HST025M 107HST050M 107HST063M 227HST010M 227HST025M 227HST035M 227HST050M 227HST063M 337HST016M 337HST025M 337HST035M
165.786 75.357 50.238 35.274 16.579 7.536 5.024 3.527 3.527 2.321 1.658 1.658 1.507 1.055 0.904 0.754 0.754 0.804 0.703 0.603
10 22 27 32 47 70 85 105 120 125 180 200 155 220 260 320 360 250 300 350
8x16 8x16 8x16 8x16 8x16 8x16 8x16 8x16 8x20 8x16 8x20 10x21 8x16 8x20 10x21 10x26 12.5x26 8x20 10x21 10x26
330 330 470 470 470 470 470 470 1000 1000 1000 1000 1000 2200 2200 2200 3300 3300 4700
50 63 10 16 25 35 50 63 10 16 25 35 50 10 16 25 10 16 10
337HST050M 337HST063M 477HST010M 477HST016M 477HST025M 477HST035M 477HST050M 477HST063M 108HST010M 108HST016M 108HST025M 108HST035M 108HST050M 228HST010M 228HST016M 228HST025M 338HST010M 338HST016M 478HST010M
0.502 0.502 0.705 0.564 0.494 0.423 0.353 0.353 0.332 0.265 0.232 0.199 0.166 0.181 0.151 0.136 0.131 0.111 0.099
430 480 270 330 390 470 570 650 470 590 700 850 1030 820 1030 1210 1090 1330 1390
12.5x26 12.5x31 8x20 10x21 10x26 12.5x26 12.5x31 16x31 10x26 12.5x26 12.5x31 16x31 16x41 12.5x31 16x31 16x41 16x31 16x41 16x41
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com


▲Up To Search▲   

 
Price & Availability of 107HST025M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X